PART |
Description |
Maker |
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AU2904 AU2904NNBSP AU2904DNBSP AU2904D |
From old datasheet system Voltage-Feedback Operational Amplifier Low power dual operational amplifier
|
Philips Semiconductors
|
OP-470GP OP-470GS OP-470ATC_883 OP-470 OP-470ARC_8 |
VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER 极低噪声四运算放大器 VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER QUAD OP-AMP, 600 uV OFFSET-MAX, 6 MHz BAND WIDTH, CQCC28
|
Analog Devices, Inc. AD[Analog Devices]
|
BA15218 BA15218F BA15218N A5800648 |
Dual High Slew Rate, Low Noise Operational Amplifier(高转换率,低噪声双运放) Dual high slew rate/ low noise operational amplifier Operational Amplifier - Datasheet Reference From old datasheet system Dual high slew rate low noise operational amplifier
|
Rohm CO.,LTD. Rohm Co Ltd ROHM[Rohm]
|
MC33171 MC33171P |
(MC33172/MC33174) Low Power / Single Supply Operational Amplifiers Dual Low-Noise Operational Amplifier 8-SOIC -40 to 85 OP-AMP, 6500 uV OFFSET-MAX, 1.8 MHz BAND WIDTH, PDIP8
|
Motorola Mobility Holdings, Inc.
|
MC33179DR2 MC33178DR2 |
Low Power, Low Noise Quad Operational Amplifier Low Power, Low Noise Dual Operational Amplifier
|
ON Semiconductor
|
IDT7016S20JB IDT7016S20PFB IDT7016S15G IDT7016S15P |
Quad Low-Power JFET-Input Operational Amplifier 14-PDIP 0 to 70 16K X 9 DUAL-PORT SRAM, 25 ns, PQCC68 HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM 16K X 9 DUAL-PORT SRAM, 35 ns, CPGA68 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC -40 to 85 16K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 Low-Noise JFET-Input Decompensated Operational Amplifier 8-SOIC -40 to 85 16K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 Low-Power JFET-Input Quad Operational Amplifier 14-CFP -55 to 125 16K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC 0 to 70 16K X 9 DUAL-PORT SRAM, 20 ns, PQFP80 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC 0 to 70 16K X 9 DUAL-PORT SRAM, 20 ns, PQCC68
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
LM393AD_LM393ADT LM393D_LM393DT LM293A LM193 LM393 |
Low power dual operational amplifier Low power quad operational amplifier LOW POWER DUAL VOLTAGE COMPARATORS
|
http:// STMICROELECTRONICS[STMicroelectronics]
|
HA4-5112883 HA-5104 |
Dual and Quad/ 8MHz and 60MHz/ Low Noise Operational Amplifiers Dual/ Low Noise/ High Performance Uncompensated Operational Amplifier
|
Intersil Corporation
|
LT1220 LT1220C LT1220CN8 LT1220CS8 LT1220M LT1220M |
XO 20MHZ 50PPM 5V 50PF-LOAD SMD-7050 TR-7-PL OP-AMP, 4000 uV OFFSET-MAX, 45 MHz BAND WIDTH, CDIP8 45MHz/ 250V/us Operational Amplifier 45MHz, 250V/us Operational Amplifier 45MHz, 250V/ms Operational Amplifier From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
HA7-2840883 FN3594 HA1-2840_883 HA1-2840883 HA7-28 |
From old datasheet system Very High Slew Rate Wideband Operational Amplifier Very High Slew Rate/ Wideband Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate, Wideband Operational Amplifier 甚高摆率,宽带运算放大器 Very High Slew Rate, Wideband Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, 500 MHz BAND WIDTH, CDIP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|